Part Number Hot Search : 
2SK33 KTLP160J BCM7315 C128IS UL2054 20000 AN260 TPC13A
Product Description
Full Text Search
 

To Download A500 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DISCHARGE TUBE GAS DISCHARGE TUBE
5x5mm No. A500/A501/A502
This product is not recommended for new designs. Please refer to Littelfuse series SL1002.
2-electrode (5kA/5A) Mini Series Features
Non-radioactive Lead Free For limited space applications Smallest 2-electrode Gas tube
Specifications
Packaging A500: A501: A502: Materials Housing: Gas: Leads:
~ 15V
00=Bulk (1.000 pcs.) 01=Reel (1.000 pcs.) 02=Blister Tape (900 pcs.) Ceramic non-radioactive tin plated
Applications
Telecommunication Computer Equipment Sensor Protection TV Cable Modem
Arc Voltage @ 1A Transition Glow to Arc @ ~ 0.8A Operating temperature -40C to +90C Climatic Category complies to IEC 60068-1 +40C, 21 days, <93% humidity Soldering characteristics complies to IEC 60068-2-20 (A501) Soldering Heat Resistance complies to IEC 60068-2-58 Marking , Type, Nom. Voltage, Date Unit Weight ca. g
Standard
UL-497B complies to ITU-T K.12 (formerly CCITT) complies to DIN 57845/VDE 0845 UL-rec.
Approvals
WebLinks
Further info see: http://www.wickmanngroup.com/ download/orderinfo_surgearr.pdf http://www.wickmanngroup.com/ download/crossref_surgearr.pdf
Characteristics
Type/ Order Code DC Tolerance Impulse sparkover sparkover voltage voltage (1kV/s) typ. Glow Voltage Insulation Resistance (@100 Vdc or @50Vdc for 90V) Capacitance (@1MHZ) 8/20s 8/20s Nominal Single Impulse Impulse Discharge Discharge Current Current (10 times) (1 time) 5kA 10kA AC Nominal Discharge Current (50Hz; 1s; (10 times) 5A AC Alternating Discharge Current (50Hz; 9 cycles) 10A Approval
UL-rec. *
A500 S0 0090 01 00 A501 S0 0090 01 01 A502 S0 0090 01 02
90V
+/- 20%
< 550V
~ 60V
> 1G
< 1.0 pF
A500 S0 0230 01 00 A501 S0 0230 01 01 230V A502 S0 0230 01 02 A500 S0 0350 01 00 A501 S0 0350 01 01 350V A502 S0 0350 01 02 A500 S0 0600 01 00 A501 S0 0600 01 01 600V A502 S0 0600 01 02 other values on request Specifications are subject to change without notice.
+/- 20%
< 600V
~ 60V
> 1G
< 1.0 pF
5kA
10kA
5A
10A
*
+/- 20% +/- 20% +/- 20% +/- 20%
< 800V
~ 60V
> 1G
< 1.0 pF
5kA
10kA
5A
10A
*
< 1.350V
~ 60V
> 1G
< 1.0 pF
5kA
10kA
5A
10A
*
Order Example
Qty.
OrderNumber
Type A500
Failsafe Option Sparkover Volt. S0 0090
Tolerance 01
Packaging 00
050915
WebSite Europe Tel: +49 2302 662-107 www.wickmanngroup.com E-mail: sales@wickmann.com
Americas Tel: +1 404 699-7820 E-mail: service@wickmannusa.com
Asia Tel: +852 26 14-1108 E-mail: sales@wickmann.com.hk
China Tel: +86 21 6432 5146 E-mail: sales@wickmann.cn
DISCHARGE TUBE GAS DISCHARGE TUBE
Dimensions (mm) A500/A501/A502
A500
Nickel plated
A501
A502
Pad Layout
050915
WebSite Europe Tel: +49 2302 662-107 www.wickmanngroup.com E-mail: sales@wickmann.com
Americas Tel: +1 404 699-7820 E-mail: service@wickmannusa.com
Asia Tel: +852 26 14-1108 E-mail: sales@wickmann.com.hk
China Tel: +86 21 6432 5146 E-mail: sales@wickmann.cn


▲Up To Search▲   

 
Price & Availability of A500

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X